PART |
Description |
Maker |
PSI-MODEM-SHDSL |
Distances up to 20 km
|
PHOENIX CONTACT
|
C16014 |
Type II/III (long) beam for very wide pole to pole distances
|
Ledil, Inc.
|
SR6-D |
High insulation distances between electrical circuits
|
TE Connectivity Ltd
|
2SB1132 2SB1237 2SA1515S A5800347 2SB1132P 2SB1132 |
Medium Power Transistor 中等功率晶体 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | SC-62 From old datasheet system Medium Power Transistor (-32A,-1A) Transistors > Small Signal Bipolar Transistors(up to 0.6W) Transistors > Medium Power Bipolar Transistors(0.5W-1.0W)
|
Rohm Co., Ltd. Rohm CO.,LTD. ROHM[Rohm]
|
2SD1055 2SD1766 D1758 2SD1758 2SD1919 2SD1862 A580 |
Medium Power Transistor (32V, 2A) 2000 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR Medium Power Transistor 32V/ 2A Medium Power Transistor 32V, 2A Medium Power Transistor 32V 2A From old datasheet system
|
ROHM[Rohm] Rohm CO.,LTD.
|
LM317MDT LM317MS LM317MT LM317MX LM217M LM217MDT L |
MEDIUM CURRENT1.2 TO 37V ADJUSTABLE VOLTAGE REGULATORS MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR Medium Current 1.2 TO 37V Adjustable Volatage Regulator(中等电流.2V7V可调电压稳压 中等电流1.27V可调Volatage稳压器(中等电流,片山至1.2V的可调电压稳压器
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
SG2823 SG2823J_DESC SG2823L_DESC SG2823N SG2803J S |
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS 0.5 A, 50 V, 8 CHANNEL, NPN, Si, POWER TRANSISTOR POWERQUICC II HIP4 REV B From old datasheet system Driver - Medium Current Array
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
SBM82314X SBM82314 SBM82314Z SBM81314G SBM81314N S |
Medium Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving From old datasheet system Transceiver Medium Power BIDI Optical Standard Module 1550 nm Emitting/ 1310 nm Receiving Components and FTTx solutions - Tx 1550nm/Rx 1310nm, Medium Power
|
INFINEON[Infineon Technologies AG]
|
MGA-545P8 MGA-545P8-TR2 MGA-545P8-TR2G |
50 MHz - 7000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 2 X 2 MM, 0.75 MM HEIGHT, LPCC-8 MGA-545P8 · Low Current 22dBm Medium Power Amplifier In LPCC2x2 for 5-6GHz systems
|
Agilent Technologies, Inc. Agilent (Hewlett-Packard)
|
P-459-002 |
Medium Voltage Coexistance Filters & Splitter Box Medium Voltage Coexistence Filter & Splitter Box
|
PREMO CORPORATION S.L
|
BAT14-014 BAT14-034 BAT14-044 BAT14-064 BAT14-074 |
Silicon Schottky Diodes (Medium barrier diodes for detector and mixer applications Hermetical ceramic package) SILICON, MEDIUM BARRIER SCHOTTKY, S BAND, MIXER DIODE Silicon Schottky Diodes (Medium barrier diodes for detector and mixer applications Hermetical ceramic package) SILICON, MEDIUM BARRIER SCHOTTKY, X BAND, MIXER DIODE Silicon Schottky Diodes (Medium barrier diodes for detector and mixer applications Hermetical ceramic package) 硅肖特基二极管(培养基检测器和调音台的应用气密陶瓷封装垒二极管) Silicon Schottky Diodes (Medium barrier diodes for detector and mixer applications Hermetical ceramic package) SILICON, MEDIUM BARRIER SCHOTTKY, KU BAND, MIXER DIODE GaAs-IR-Lumineszenzdioden GaAs Infrared Emitters 砷化镓红外Lumineszenzdioden砷化镓红外辐射器
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG INFINEON TECHNOLOGIES AG
|
CSD882P CSD882R CSD882 CSD882E CSD882Q |
10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 160 - 320 hFE. Complementary CSB772P 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 120 hFE. Complementary CSB772R 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 100 - 200 hFE. Complementary CSB772Q 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 200 - 400 hFE. Complementary CSB772E 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 400 hFE. Complementary CSB772 Audio Frequency Power Amplifier and Low Speed Switching Applications
|
CDIL[Continental Device India Limited]
|